Part Number Hot Search : 
PA0059 2988094 KBPC5 EK004 SRA22 RUBYCON MAX8900B FQA65N06
Product Description
Full Text Search
 

To Download SB10150FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB10150FCT
SCHOTTKY BARRIER RECTIFIER
VOLTAGE: 150V CURRENT: 10.0A
FEATURE
High current capability, Low forward voltage drop Low power loss, high efficiency High surge capability High temperature soldering guaranteed 250 /10sec/0.375" lead length at 5 lbs tension C
ITO-220AB
MECHANICAL DATA
Terminal: Plated Insert leads, solderable per MIL-STD-750, Method 2026 Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: Common Cathode Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at 5A Maximum DC Reverse Current at rated DC blocking voltage Typical Thermal Resistance Ta =25 C Ta =110 C (Note 1) Vrrm Vrms Vdc If(av) Ifsm Vf Ir Rth(jc) Tj Tstg SB10150FCT 150 105 150 10 160 0.88 50 1.0 4.5 -65 to +175 units V V V A A V A mA C/W C
Operating Junction and Storage Temperature Ramge Note: 1.Thermal Resistance from Junction to Case
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES SB10150FCT
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of SB10150FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X